PART |
Description |
Maker |
OMR186STM OMR183 OMR183NC OMR183NCM OMR183NH OMR18 |
30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator Hi-Rel Fixed Voltage 3-Terminal Positive Radiation Hardened Regulator 高可靠性的固定电压三端稳压器的积极抗辐 ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CSFM3 ISOLATED, HERMETIC SEALED, TO-258, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 TO-258AA, 3 PIN ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, CBCC3
|
IRF[International Rectifier] Aimtec International Rectifier, Corp. IRC Advanced Film
|
OMR117AHVST OMR117 OMR117AHVNH OMR117AHVNM OMR117A |
Hi-Rel Adjustable Voltage 3-Terminal Positive Radiation Hardened Regulator 100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR From old datasheet system
|
International Rectifier List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
LT1038 LT1038C LT1038CK LT1038M LT1038MK |
10Amp Positive Adjustable Voltage Regulator 10 Amp Positive Adjustable Voltage Regulator From old datasheet system
|
Linear Technology
|
LD1085D2M15 LD1085 LD1085D2M-R LD1085DT-R LD1085D2 |
5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 3A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
LD1117DC-R LD1117DTC-R LD1117DT18CTR -LD1117DT25TR |
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压
|
意法半导 STMicroelectronics N.V.
|
HS9S-117RH/PROTO HSYE-117RH/PROTO HS2-117RH/PROTO |
Regulator, Linear, Adjustable 1.2V to 37V, 5mA to 1.25A, Rad-Hard Radiation Hardened Adjustable Positive Voltage Regulator Radiation Hardened Adjustable Positive Voltage Regulator
|
Intersil Corporation
|
LM11710 LM317 LM317T |
1.2 V-37 V ADJUSTABLE POSITIVE REGULATOR, SFM3 1.2 V to 37 V adjustable voltage regulators
|
http:// STMicroelectronics
|
SG1532 SG1532J SG1532J_883B SG1532L SG1532L_883B S |
Positive Adjustable Linear Voltage Regulators Linear Voltage Regulator - General Purpose From old datasheet system PRECISION GENERAL-PURPOSE REGULATOR 2 V-38 V ADJUSTABLE POSITIVE REGULATOR, CDIP14 PRECISION GENERAL-PURPOSE REGULATOR 2 V-38 V ADJUSTABLE POSITIVE REGULATOR, CQCC20
|
MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SG117 SG117T SG117AK SG117K JAN117T SG117AIG SG117 |
1.5A Three Terminal Adj. Voltage Regulator TM 1.5A Three Terminal Adj. Voltage Regulator Positive Adjustable Linear Voltage Regulators; Package: TO-66; VDIFF (V): 40; IOUT (A): 1.5; VOUT (V): 36; 1.2 V-25 V ADJUSTABLE POSITIVE REGULATOR, MBFM2
|
Microsemi, Corp. Microsemi Corporation
|
52175 52150 |
POSITIVE ADJUSTABLE 5-AMP VOLTAGE REGULATOR 5 V-24 V ADJUSTABLE POSITIVE REGULATOR, MBFM4
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
OM1860NHM OM1860NKM OM1860NTM OM1860SHM OM1860SKM |
Hi-Rel Adjustable Voltage Low Dropout 3-Terminal Positive Regulator 1.5 AMP LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR APPROVED TO DESC DRAWING 5962-89981
|
International Rectifier http://
|